PART |
Description |
Maker |
XRDAN28 |
Frequency Response Effects of Overampling and Averaging on A/D Output Data
|
EXAR[Exar Corporation]
|
BA2903FV-E2 BA2901SKN-E2 BA8391G |
DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, QCC16 COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO5
|
|
R821 R821-15 |
For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode PHOTOMULTIPLIER TUBE
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
LT1963-1.8 LT1963-3.3 LT1963-1.5 |
1.5A, Low Noise, Fast Transient Response LDO Regulators(1.8V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(3.3V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(13V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(1.5V输出,1.5A,低噪快速瞬变响低压差输出稳压器)
|
Linear Technology Corporation
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
LM339AE CA239AM CA239AF |
QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDIP14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, CDIP14
|
HARRIS SEMICONDUCTOR
|
APL1086 APL1086-18FC-TR APL1086-18FC-TU APL1086-18 |
3.3 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.8 V, 1.5 A low dropout fast response positive adjustable regulator and fixed Adj, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.85 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
LT1585A LT1585ACM LT1585ACM-1.5 LT1585ACT LT1585AC |
From old datasheet system 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR %A Low Dropout Fast Response Positive Adjustable and Fixed Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
|