PART |
Description |
Maker |
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
T010 T250 T060 3T020 T175 T090 3T070 T040 T400 T05 |
DIL 14 PIN SINGLE OUTPUT 迪勒14针单输出 BOX ALUM UNPAINTED 8X4X3,1 Conductive Rubber Keypad DIL 14 Pin Single/Triple Output
|
Electronic Theatre Controls, Inc. Allen Avionics List of Unclassifed Manufacturers
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
SR230-6 SR230-24 SR60 SR660-9 SR110-12 SR110-15 SR |
Single output 20W ~ 660W隆隆 ZTK-89 Single output 20W ~ 660W 单输0660W Single output 20W ~ 660W
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Rohm Co., Ltd.
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
POLS06-12T-P |
6A Output Current Rating DC/DC Open Frame Converter Single Output
|
Wall Industries,Inc.
|
POLS16-05T-P POLS16-05TA-P |
16A Output Current Rating DC/DC Open Frame Power Converter Single Output
|
Wall Industries,Inc.
|
NPH25S4803I NPH25S4805I NPH25S2415I NPH25S2412I NP |
Isolated 25W Single Output DC/DC Converters 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
|
C&D TECHNOLOGIES INC Everlight Electronics Co., Ltd. CANDD[C&D Technologies]
|
NKE1215D NKE1205D NKE0503D NKE1212D NKE1209D NKE03 |
1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE Isolated Sub-Miniature 1W Single Output DC/DC Converters
|
C&D TECHNOLOGIES INC C&D Technologies
|
|