PART |
Description |
Maker |
CA-PLCC20-Z-J-T-01 |
PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC084-Z-J-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC068-D-J-T-01 |
CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
|
Ironwood Electronics.
|
CA-PLCC084-Z-P-T-01 |
CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
|
Ironwood Electronics.
|
52104490 52104493 52104495 52104500 52104491 52104 |
ADAPTOR MA-PG/M PG7 X M12 ADAPTOR MA-PG/M PG11 X M20 ADAPTOR MA-PG/M PG16 X M20 ADAPTOR MA-PG/M PG29 X M25 ADAPTOR MA-PG/M PG9 X M16 ADAPTOR MA-PG/M PG13.5 X M20 ADAPTOR MA-PG/M PG16 X M25 ADAPTOR MA-PG/M PG21 X M25 适配器的MA -皮克/米PG21 X M25
|
Kontron AG
|
CA-PLCC84-D-P-01 |
Carrier Adaptor 84 pin PLCC production socket to 84 pin surface mount foot. Top and bottom interface plug via a gold plated minigrid array.
|
Ironwood Electronics.
|
CA-PLCC32-Z-J-01 |
Carrier Adapter 32 position PLCC ZIF socket to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
504-99-100-24-000 504-99-020-24-000 504-99-028-24- |
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail 塑料引线芯片载体封装(PLCC)插座焊 TV 30C 10#20 13#16 4#12(COAX)
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
QTLP670C5TR QTLP670C-5 QTLP670C-8 |
SURFACE MOUNT LED LAMP PLCC - 2 PACKAGE LED PURE GREEN SMD PLCC-2
|
Fairchild Semiconductor
|
APA-648-G-P APA-640-G-P APA-632-G-C APA-628-G-N |
DIP48, IC SOCKET DIP40, IC SOCKET ADAPTOR PLUG DIP32, IC SOCKET ADAPTOR PLUG DIP28, IC SOCKET
|
Samtec, Inc.
|
PLCC |
Amkor’s PLCC IC package portfolio provides Amkor隆炉s PLCC IC package portfolio provides
|
Amkor Technology, Inc.
|
EF68B50J EF68B50CV EF68B50JV EF6850FN EF6850C EF68 |
EIA/ITU PABX SLIC with 40mA Loop Feed; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Extended Reach Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC Communications Interface 通信接口 Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC 通信集成电路 Telecommunication IC 通信集成电路
|
TE Connectivity, Ltd.
|