PART |
Description |
Maker |
AS5040ASSU AS50401 AS5040ASST |
10Bit 360 Programmable Magnetic Rotary Encoder
|
http:// austriamicrosystems AG
|
AS5134 |
360 Step Programmable High Speed Magnetic Rotary Encoder
|
austriamicrosystems AG
|
AS5140H04 AS5140HASSU AS5140HASST |
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
|
austriamicrosystems AG ams AG
|
M57716L 57716L M57716 |
360-380MHz, 12.5V, 13W, DIGITAL MOBILE RADIO 360 - 380MHz2.5V3W,数字移动通信 360-380MHz / 12.5V / 13W / DIGITAL MOBILE RADIO From old datasheet system
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CXB1586AR |
10Bit 1.0625Gbaud Transceiver
|
SONY
|
AK8432 |
6CH 10bit 40MSPS X 3
|
Asahi Kasei Microsystems
|
BU2508FV |
High-precision 10bit 4ch/6ch D/A Converters
|
Rohm
|
EXO-3 EXO-3-12.288M EXO-3-14.31818M EXO-3-14.7456M |
CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT AC Motorized Impeller; Series:Diplomat 与晶体振荡器的可编程输出断电 Crystal oscillator for uPs with programmable output, 12.288MHz Crystal oscillator for uPs with programmable output, 14.31818MHz Crystal oscillator for uPs with programmable output, 14.7456MHz Crystal oscillator for uPs with programmable output, 14.9105MHz Crystal oscillator for uPs with programmable output, 15.9744MHz Crystal oscillator for uPs with programmable output, 16.128MHz Crystal oscillator for uPs with programmable output, 16.257MHz Crystal oscillator for uPs with programmable output, 16.384MHz Crystal oscillator for uPs with programmable output, 19.0909MHz Crystal oscillator for uPs with programmable output, 18.432MHz Crystal oscillator for uPs with programmable output, 17.73447MHz Crystal oscillator for uPs with programmable output, 19.6608MHz Crystal oscillator for uPs with programmable output, 21.47727MHz Crystal oscillator for uPs with programmable output, 22.1184MHz Crystal oscillator for uPs with programmable output, 24.576MHz
|
Wolfgang Knap Ges.m.b.H. . Co. KG Wolfgang Knap Ges.m.n.H. WK[Wolfgang Knap]
|
MP8784 |
CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
|
Exar Corporation
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10 |
Embedded Programmable Logic Device Family IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC
|
Altera Corporation
|
|