PART |
Description |
Maker |
AS1320 |
200mA Step-Up DC-DC Converter
|
austriamicrosystems AG
|
SS6633-ACSTB SS6633-ACSTR SS6633-3CNTB SS6633-3CNT |
200mA Step-Up DC/DC Converter
|
Silicon Standard Corp.
|
LTC3544B |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
BP5048-15 |
AC/DC converter - AC220V input, 15V/200mA output
|
ROHM[Rohm]
|
BP5039A |
AC/DC converter - AC100V input, 24V/200mA output
|
ROHM[Rohm]
|
BP5039-15 |
AC/DC converter - AC100V input, 15V/200mA output
|
ROHM[Rohm]
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ILC6360 ILC6360CIR-36 ILC6360CIR-ADJ |
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
|
IMPALA[Impala Linear Corporation]
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
FAN56020705 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|