PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
ZTX750 ZTX751 ZTX751STOA |
Transient Voltage Suppressor Diodes 2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|
2SA957 2SA958 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
BD436 BD438 BD434 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|