PART |
Description |
Maker |
PN18-6LF-C PV14-10LFN-C |
TERM LOCK/FORK NYL 22-18AWG #6 COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp. PANDUIT CORP
|
94509-5620 0945095620 |
Housing for Straight Fork Terminal, 6 Circuits, Polarization A
|
Molex Electronics Ltd. http://
|
94509-5520 0945095520 |
Housing for Straight Fork Terminal, 5 Circuits, Polarization B
|
Molex Electronics Ltd.
|
94509-5420 0945095420 |
Housing for Straight Fork Terminal, 4 Circuits, Polarization B
|
Molex Electronics Ltd.
|
19198-0047 19144-0004 19147-0103 19147-0105 19198- |
SPADE AVIKRIMP (C-841-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE INSULKRIMP TAPED (AA-235-08XT) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (191470103) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (C-341-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE AVIKRIMP TAPED (C-841-10T) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE KRIMPTITE TAPED (AA-135-06T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN TONGUE SPADE #8 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. ITT, Corp. MOLEX INC
|
PN18-6F-M |
Fork Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#6; Insulator Color:Red; Pack Quantity:1000 COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp.
|
ADR02 ADR02BR ADR02BR-REEL7 ADR06 ADR06AKS-R2 ADR0 |
Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO5 Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References 超小Precision10第V / 5 V/2.5 V/3.0 V电压参 Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO5 Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References 超小型Precision10第V / 5 V/2.5 V/3.0 V电压参 Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:46; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Circular Connector; No. of Contacts:46; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-46 Circular Connector; No. of Contacts:61; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-61 Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-4 Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
APL1431AYI-TBG APL1431BYI-TBG APL1431AYI-TBL APL14 |
THREE TERM VOLTAGE REFERENCE, UUC GREEN PACKAGE THREE TERM VOLTAGE REFERENCE, UUC LEAD FREE PACKAGE THREE TERM VOLTAGE REFERENCE, PSSO3
|
Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
46012-3241 45750-1211 |
MF PLUS HCS CRIMP TERM MALE 16GA GOLD COPPER ALLOY, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL MF PLUS HCS CRIMP TERM. FEM 18-20 GA GLD
|
Molex, Inc. MOLEX INC
|
LM4041CIM3-1.2 LM4040DYM3-2.5TR LM4040CYM3-2.5 LM4 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 3 X 1.30 MM, LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.233 V, PDSO3
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
|