PART |
Description |
Maker |
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
JDC-20-3-75 |
Directional Coupler 75楼? 2 to 250 MHz Directional Coupler 75惟 2 to 250 MHz Directional Coupler 75Ω 2 to 250 MHz
|
Mini-Circuits
|
ADC-15-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
ADC-16-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-20-12 |
Directional Coupler 50楼? 100 to 1200 MHz Directional Coupler 50惟 100 to 1200 MHz Directional Coupler 50Ω 100 to 1200 MHz
|
Mini-Circuits
|
LRDC-20-2 |
Directional Coupler 50Ω 300 to 1100 MHz Directional Coupler 50惟 300 to 1100 MHz Directional Coupler 50楼? 300 to 1100 MHz
|
Mini-Circuits
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
CHP-6018-D-40-30-FM CHP-6018-S-40-MM CHP-2080-D-40 |
6000 MHz - 18000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 6000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 2000 MHz - 8000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.15 dB INSERTION LOSS-MAX
|
RLC ELECTRONICS INC
|
TCD-13-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-1 |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
Mini-Circuits
|