PART |
Description |
Maker |
AD9765 DAC_12B_10-100NS AD568 AD9742 AD9752 AD9753 |
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
|
Analog Devices, Inc. AD[Analog Devices]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC |
3-1/2 digit analog-to-digital converters with drives LED The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre 3-1/2 digit analog-to-digital converters with drives LCD
|
MICROCHIP[Microchip Technology]
|
SIL15-05SADJ-V SIL15-12SADJ-V SIL15 |
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
|
Emerson Network Power
|
S7AH-03A S7AH-03A150 S7AH-03A180 V7AH-03A500 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD9712 AD9713 AD9712JP AD9712JN AD9713JN AD9713JP |
12 BIT 100 MSPS D/A CONVERTERS 12-BIT, 100MSPS D/A CONVERTERS
|
Analog Devices, Inc.
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
E05-XXX E05-10M E05-10M1 E05-10P3 E05-10T E05-11M |
5 Watt Wide Input DC to DC Converters 5瓦特宽输入直流直流转换器 5 WATT WIDE INPUT DC TO DC CONVERTERS 5瓦宽输入直流直流变换 120VAC ADAPT-LGT BASE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unknow
|