PART |
Description |
Maker |
BFP193 |
RF-Bipolar - For low noise, high-gain amplifiers up to 2 GHz and linear broadband amplifiers NPN Silicon RF Transistor
|
Infineon Technologies AG
|
STB7102 STB7102TR 102 |
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS 0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NE5510179A-T1 NE5510179A |
3.5V的操作硅射频功率MOSFET1.9 GHz的输电功 3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS 3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
|
NEC Corp. NEC[NEC] CEL[California Eastern Labs]
|
TA130-155-49-32 |
13 - 15.5 GHz 2W Amplifiers
|
Transcom, Inc.
|
TA060-120-15-27 |
6.0 ?12.0 GHz 17dB Gain 27dBm Amplifiers
|
Transcom, Inc.
|
AD8354ACP-R2 AD8354-EVAL AD8354ACP-REEL7 |
100 MHz-2.7 GHz RF Gain Block 100 MHz - 2.7 GHz RF Gain Blocks, Silicon Bipolar Amplifiers
|
Analog Devices, Inc.
|
BFQ75 Q62702-F803 |
PNP SILICON RF TRANSISTOR (FOR BROADBAND AMPLIFIERS UP TO 2 GHZ AT COLLECTOR CURRENTS FROM 5 MA TO 30 MA.)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62702-F776 A0535 BFQ72 |
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AD8361 AD8361ARM AD8361ARM-REEL AD8361ARM-REEL7 AD |
LF to 2.5 GHz TruPwrDetector SPECIALTY ANALOG CIRCUIT, PDSO6 LF to 2.5 GHz TruPwrDetector 低频.5 GHz TruPwr⑩探测器 LF to 2.5 GHz TruPwr⑩ Detector LF to 2.5 GHz TruPwr Detector LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc. AD[Analog Devices]
|
ERA-5SM ERA-3SM ERA-50SM ERA-4 ERA-4SM ERA-4XSM ER |
MONOLITHIC AMPLIFIERS 50?BROADBAND DC to 8 GHz MONOLITHIC AMPLIFIERS 50?/a> BROADBAND DC to 8 GHz MONOLITHIC AMPLIFIERS 50 BROADBAND DC to 8 GHz Surface Mount Monolithic Amplifier 50/ Broadband/ DC to 4 GHz Monolithic Amplifier 50OHM/ Broadband/ DC to 4 GHz AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 10, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 2.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 15, Max Output Current(A): 4, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%,Single Outputs MONOLITHIC AMPLIFIERS 50з BROADBAND DC to 8 GHz 0 MHz - 4000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER MONOLITHIC AMPLIFIERS 50з BROADBAND DC to 8 GHz 0 MHz - 3000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MINI[Mini-Circuits]
|
STB7103 STB7104 8898 TBD 102 103 104 STB7102 STB71 |
100 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|