PART |
Description |
Maker |
PLL502-14 PLL502-14SOC PLL502-14SOI PLL502-14SOM P |
192MHz - 400MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystal)
|
PhaseLink Corporation
|
HFA1205 HFA1205IB HFA1205IP HA5023EVAL |
2.5V 144-mc CPLD - NOT RECOMMENDED for NEW DESIGN 1 CHANNEL, VIDEO AMPLIFIER, PDIP8 Dual, 400MHz, Low Power, Video Operational Amplifier Dual/ 400MHz/ Low Power/ Video Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX4308ESA MAX4309ESA MAX4108 MAX4108ESA MAX4109ES |
400MHz / Ultra-Low-Distortion Op Amps 400MHz, Ultra-Low-Distortion Op Amps 400MHz Ultra-Low-Distortion Op Amps
|
http:// Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SP40001 |
400MHz Low-loss SAW Filter 45MHz Bandwidth
|
SIPAT
|
CLM4302 CLM4302M CLM4302N CLM4102 CLM4102M CLM4102 |
Low Power/ 400MHz High Speed Buffer Low Power, 400MHz High Speed Buffer
|
CALOGIC[Calogic, LLC] Calogic LLC
|
MAX2680 MAX2681 MAX2682 MAX268003 MAX2680EUT |
400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
|
Maxim Integrated Products MAXIM - Dallas Semiconductor
|
CVA4403N |
Low Power/ 400MHz High Speed Triple Bufferwith Level Shifter Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
AD7507JN AD7507SE AD7507SD/883B AD7507SE/883B AD75 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Single 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
MAX2640 MAX2640EUT-T MAX2640-MAX2641 MAX2641EUT-T |
Hex inverters 14-SOIC 0 to 70 400MHz500MHz的硅锗超低噪声放大器 400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
105 306 106 102 108 308 302 303 103 104 304 109 30 |
MOTOR B56 FRAME 1 PHASE 0.37KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset MOTOR B56 FRAME 1 PHASE 0.25KW SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits MOTOR B56 FRAME 3 PHASE 0.25KW MOTOR B56 FRAME 1 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.18KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 电机6相功.37KW
|
Bud Industries, Inc.
|
EMK31G2J-8.192M |
OSCILLATORS 100PPM -40 85 1.8V 4 8.192MHZ PD HCMOS 2.5X3.2 4PAD SMD
|
ECLIPTEK CORP
|