PART |
Description |
Maker |
MAX1878 MAX1878EGC |
Dual-Output Step- Down and LCD Step-Up Power Supply for PDAs MAX1878 Dual-output Step-down And LCD Step-up Power Supply For Pdas From old datasheet system
|
Maxim Integrated Products
|
MAX1878ETC MAX187811 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
SPI-8001TW SPI-8001TW-TL |
SPI-8001TW Dual 1.5 A, DC/DC Step-Down Converter Dual 1.5 A, DC/DC step-down converter.
|
Allegro MicroSystems
|
LTC3252 3252F LTC3252EDE LTC3252EDETR |
Dual, Low Noise, Inductorless Step-Down DC/DC Converter; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C Dual 250mA Low Noise Inductorless Step-Down DC/DC From old datasheet system
|
LINEAR TECHNOLOGY CORP
|
MAX8667ETEAA MAX8667ETEAB MAX8667ETEAC MAX8667ETEC |
1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
|
MAXIM[Maxim Integrated Products]
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
LP3907TL-PLNTO/NOPB |
<font color=red>[Old version datasheet]</font> Dual High-Current Step-Down DC-DC and Dual Linear Regulator
|
TI store
|
IDT7006L55G IDT7006L55GB IDT7006S35G IDT7006S15F I |
Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter; Package: MLP; No of Pins: 12; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 17 ns, PQCC68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, PQFP68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 Regulated Step-Up/Step-Down Charge Pump DC/DC Converter; Package: MLP; No of Pins: 8; Container: Tape & Reel 高6K的8双端口静态RAM HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 Wide Input Voltage PWM/PFM Controller 16K X 8 DUAL-PORT SRAM, 15 ns, PQFP64 Low Dropout LED Driver for White, Blue or any Color LED; Package: SC70; No of Pins: 6; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 High Efficiency Adaptive Charge pump 5V Boost; Package: WL-CSP; No of Pins: 8; Container: Tape & Reel 800mA 3MHz Digitally Programmable DC/DC converter; Package: WL-CSP; No of Pins: 12; Container: Tape & Reel Indicator LED Blinker with Single-Wire Interface; Package: MLP; No of Pins: 6; Container: Tape & Reel
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|