PART |
Description |
Maker |
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
BWP-12/125-D12 BWP-12/125-D48 BWP-5/250-D48 BWP-15 |
Rad-hard 8 bit PISO shift register Rad-hard hex D-type flip flop with clear DC - DC电压转换 Rad-hard quad D-type flip flop with clear 型DC - DC电压转换
|
Sumida, Corp. 3M Company
|
M54HC574D1 M54HC574 M54HC574D M54HC574K1 |
RAD-HARD OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
|
STMicroelectronics
|
RHRXH162374K-02V RHRXH162374K-02Q RHRXH162374K-01V |
Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs 抗辐射硬低电压CMOS 16D型触发器宽容.6V的输入和输出拖鞋
|
意法半导 STMicroelectronics N.V.
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC74HC175A MC74HC175AD MC74HC175ADR2 MC74HC175ADT |
Quad D-type Flip-Flop with Common Clock and Reset Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS QUAD D FLLP-FLOP WLTH COMMON CLOCK AND RESET From old datasheet system
|
ONSEMI[ON Semiconductor]
|
74F175 74F175SC 74F175SJ 74F175PC 74F175SCX 74F175 |
Quad D-Type Flip-Flop; Package: SOIC; No of Pins: 16; Container: Tape & Reel F/FAST SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74HC173 74HC173N 74173 74HCT173 74HCT173N 74HC173D |
74HC/HCT173; Quad D-type flip-flop; positive-edge trigger; 3-state Quad D-type flip-flop positive-edge trigger 3-state
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ACT175MTC 74ACT175MTCX |
Quad D-Type Flip-Flop
|
Fairchild Semiconductor
|
MC14175BFEL MC14175B MC14175BCP MC14175BD MC14175B |
Quad D-Type Flip Flop Quad Type D Flip-Flop
|
ONSEMI[ON Semiconductor]
|