PART |
Description |
Maker |
KIA79L15F KIA79L10F KIA79L09F KIA79L05F KIA79L12F |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 三端负电压调节器 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
AS7C32096A AS7C32096A-20TIN AS7C32096A-10TC AS7C32 |
SRAM - 3.3V Fast Asynchronous 3.3V 256K x 8 CMOS SRAM Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Hex D-Type Flip-Flops With Clear 16-SO -40 to 85 256K X 8 STANDARD SRAM, 15 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 256K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HD74LS73A 74LS73 74LS73A HD74LS73ARP |
Dual J-K Flip-Flops(with Clear) FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|SOP|14PIN|PLASTIC 触发器|双|焦 K型|编号LS - TTL电|专科| 14PIN |塑料 Dual J-K Flip-Flops(双J-K触发 JK触发器(JK触发器)
|
HITACHI[Hitachi Semiconductor] Microchip Technology, Inc. Hitachi,Ltd.
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC311 TC312 TSC311 |
(TSC311 - TSC313) Flip Flops (TC311 - TC313) FLIP FLOPS
|
Sertech
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W512-100B6E M27W512-100F6 M27W512-100K6 M27W512 |
512 KBIT (64KB X8) LOW VOLTAGE OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 Quadruple D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM 512千位4K的8)低压紫外线EPROM和检察官办公室存储器 Quadruple D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SO 0 to 70 512千位4K的8)低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MAX6950 MAX6950CEE MAX6950EEE MAX6950-MAX6951 MAX6 |
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers Serially Interfaced / 2.7V to 5.5V / 5- and 8-Digit LED Display Drivers Hex D-type Flip-Flops With Enable 16-CDIP -55 to 125 Quad D-type Flip-Flops With Enable 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
RN5VM112C-TR RN5VM1XXX RN5VM111D |
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-TSSOP -55 to 125 Power Management ICs High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SO -55 to 125
|
Ricoh Co., Ltd.
|
KS74AHCT534 |
Octal D-Type Flip-Flops
|
Samsung
|
HD74HC174 |
Hex D-type Flip-Flops (with Clear)
|
Hitachi Semiconductor
|
HD74HC273 |
Octal D-type Flip-Flops (with Clear)
|
Renesas Electronics Corporation
|