PART |
Description |
Maker |
HFA1145_883 HFA1145 FN3726 HFA1145MJ_883 HFA1145/8 |
High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable From old datasheet system High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 高速,低功耗,电流反馈运算与视频输出放大器禁用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS7B-1145RH-Q 5962F9683001VPC 5962F9683001VPA HS7- |
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 CONNECTOR ACCESSORY Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable(抗辐射超高速电流反馈视频运算放大器(带输出禁止 Radiation Hardened/ High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable
|
Intersil, Corp. Intersil Corporation http://
|
ZL40166 |
High Output Current, High Speed Dual Operational Amplifier
|
Zarlink Semiconductor
|
ZL40167DCB ZL40167 ZL40167DCA |
High Output Current High Speed Dual Operational Amplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
ZL40166DCB ZL40166 ZL40166DCA |
High Output Current High Speed Dual Operational Amplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AD53500 AD53500JRP |
High Speed, High Current Capability Pin Driver 0.4 A BUF OR INV BASED PRPHL DRVR, PDSO20 High Speed/ High Current Capability Pin Driver
|
Analog Devices, Inc. AD[Analog Devices]
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
2SK2038 K2038 |
2SK2038 N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING APPLICATIONS) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,5A I(D),TO-247VAR From old datasheet system N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) N通道马鞍山型(高速,高电流开关应用)
|
Toshiba. TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|