PART |
Description |
Maker |
LV8406T11 LV8406T-12 |
2ch Forward/Reverse Motor Driver 2ch Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
LV8405V |
2ch Forward/Reverse Motor Driver
|
ON Semiconductor
|
LV8402V |
2ch Forward/Reverse Motor Driver
|
ON Semiconductor
|
LV8548MC |
Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
GUR5H60 GURF5H60 GURB5H60 |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Voltage 600V, Reverse Recovery Time 30ns
|
VISAY[Vishay Siliconix]
|
BYV29SERIES UG8FT UGB8GT |
Ultrafast Rectifier, Reverse Voltage 300 to 400V, Forward Current 8.0A, Reverse Recovery Time 35ns
|
Vishay
|
UGF5JT UG5HT UG5JT UGB5HT UGB5JT UGF5HT |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V From old datasheet system
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1N4384GP 1N4385GP 1N4585GP 1N4383GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
BYS459F-1500 BYS459-1500 BYS459B-1500 |
High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
|
VISAY[Vishay Siliconix]
|
ENA0989 LV4920H |
Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W】2CH, 10W】2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W×2CH, 10W×2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W隆驴2CH, 10W隆驴2CH
|
Sanyo Semicon Device
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|