PART |
Description |
Maker |
LC877680B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA0965 LC877664B LC877648B LC877696B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC875CB2A LC875CC8A |
ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877G16A |
CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F1HC4A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC86F1216A |
8-Bit Single Chip Microcontroller with 16K-Byte ROM and 1220-Byte RAM On Chip CMOS IC
|
Sanyo
|
MX23C2100 23C2100 MX23C2100PC-15 MX23C2100PC-12 |
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM From old datasheet system 2M-BIT [256K x 8/128K x 16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
Z86172 Z8617216FSC |
CMOS Z8-R 8-BIT MICROCONTRLLER WITH 16K ROM / 48-BYTE RAM
|
ZILOG[Zilog, Inc.]
|
TMP47P885F |
CMOS 4 Bit Microcontroller with a Built-in 8K-byte EEPROM as ROM(内置8K字节EEPROM 4位微控制
|
Toshiba Corporation
|
LC3101 |
128K-BIT CMOS MASK ROM
|
SANYO[Sanyo Semicon Device]
|
ST92E196 ST92196A ST92T196 |
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
|
STMICROELECTRONICS[STMicroelectronics]
|
AT05SC3208R |
Low-power, industry standard 8-bit secure microcontroller with 32K Byte ROM, 8K Byte EEPROM, 1K RAM.
|
Atmel
|