PART |
Description |
Maker |
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
EETXB2P221HJ EETXB2P821JJ EETXB2P821KJ EETXB2P821L |
Snap-in Type
|
Panasonic Semiconductor
|
SKHHALA010 SKHHAMA010 SKHHAKA010 SKHHAQA010 SKHHAN |
6mm Square (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
YOD2B |
96RGBx64 (0.95) OLED Switches Snap-In Type
|
GREATECS
|
RK11K114001Z RK11K114003Y RK11K1140A23 RK11K1140A2 |
11mm Size Insulated Shaft Snap-in Type
|
ALPS ELECTRIC CO.,LTD.
|
RK12L123000E RK12L1230C0K RK12L1230C0T RK12L1230C1 |
12mm Size Insulated Shaft Snap-in Type
|
ALPS ELECTRIC CO.,LTD.
|
SKQEACA010 SKQEADA010 SKQEAAA010 SKQEABA010 |
12mm Square Long-life (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
RK09K1130A70 RK09D113000F RK09K1130A5R RK09K1130A6 |
9mm Size Insulated Shaft Snap-in Type
|
ALPS ELECTRIC CO.,LTD.
|
CDHC821K2R3SR |
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
|
Cornell Dubilier Electr...
|
835 823 |
Panel Mount, Shocksafe Snap-In Type, 5x20mm Fuses
|
Littelfuse, Inc.
|
ECOS2EG331GK ECEC2EG331GK ECOS2EG331HX ECOS2EG821U |
Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 270 uF, THROUGH HOLE MOUNT CAN Snap-in Type
|
Panasonic Semiconductor Panasonic, Corp.
|
CD296KC |
EC Snap-In 105∑C Long Lifetime 5.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|