PART |
Description |
Maker |
CY7C60333-LFXC CY7C60333-LFXCT CYPRESSSEMICONDUCTO |
enCoReIII Low Voltage MULTIFUNCTION PERIPHERAL, QCC32 enCoRe??III Low Voltage
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C60413-16LKXC CY7C64013-16LKXCT CY7C60455-48LTX |
enCoRe V Low Voltage Microcontroller
|
Cypress Semiconductor
|
CY7C60323-LFXC CY7C60323-LFXCT CY7C60323-PVXC CY7C |
enCoRe⑩ III Low Voltage
|
Cypress Semiconductor
|
CY7C63722 CY7C63722-XC CY7C63723 CY7C63723-PC CY7C |
enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller enCoRe™ USB
Combination Low-Speed USB & PS/2
Peripheral Controller
|
CYPRESS[Cypress Semiconductor]
|
CY7C63723-PXC CY7C63743-PXC CY7C63723-QXC |
enCoRe USB combination low-speed USB & PS/2 peripheral controller. EPROM size 8 KB.
|
Cypress
|
Y5-12-12 Y5-12-15 Y5-12-5 Y5-12S15 Y5-12S5 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 256K (32K x 8) Static RAM 16K/32K/64K/128K x 9 Low-Voltage Deep Sync™ FIFOs 模拟IC 72-Mbit QDR-II™ SRAM 2-Word Burst Architecture USB LOW SPEED, 3 ENDPOINT, ENCORE II, 16-SOIC
|
东电?中国)投资有限公司
|
Z8F0812PJ020EC Z8F0422PJ020SC Z8F0411PH020EC |
IC ENCORE MCU FLASH 8K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 20DIP
|
ZiLOG, Inc. ZILOG INC
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
PPC-EXP-103 PPC-103T-BBAR-TE PPC-103DC-BBA-TE PPC- |
10.4 Panel PC with Intel垄莽 Pentium垄莽 III/ Celeron垄莽 Processor 10.4 Panel PC with Intel庐 Pentium庐 III/ Celeron庐 Processor 10.4 Panel PC with Intel? Pentium? III/ Celeron? Processor
|
Advantech Co., Ltd.
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
STS8DNH3LL STS8DNH3LL08 |
Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET III Power MOSFET Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET?/a> III Power MOSFET Dual n-channel 30 V - 0.018 楼? - 8 A - SO-8 low gate charge STripFET垄芒 III Power MOSFET
|
STMicroelectronics
|