PART |
Description |
Maker |
IDT74LVCR2245A IDT80LVCR2245APG IDT80LVCR2245AQ ID |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 SOIC-20 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5V TOLERANT I/O 3.3V CMOS Octal Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LVQ245 4907 74LVQ245T 74LVQ245M |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE From old datasheet system LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
AM29F002T-90JCB AM29F002T-55EI AM29F002T-55JC AM29 |
FLASH 5V PROM, PDSO32 FLASH 5V PROM, PDIP32 High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位256亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 High Speed CMOS Logic Triple 3-Input NOR Gates 14-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 CAP, 180UF, 2V, 20%, 7343-28 High Speed CMOS Logic Non-Inverting Quad 2-Input Multiplexer with 3-State Outputs 16-CDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 MB 12C 8#20 4#16 PIN RECP High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 CAP,22uF,12.5VDC,20-% Tol,20 % Tol RoHS Compliant: Yes High Speed CMOS Logic 8-Bit Addressable Latch 16-CDIP -55 to 125 Am29F002/F002N - 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory LM3075 High Efficiency, Synchronous Current Mode Buck Controller; Package: TSSOP; No of Pins: 20; Qty per Container: 73; Container: Rail 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC SPANSION LLC http:// Advanced Micro Devices, Inc. ATMEL Corporation
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
74LVX244 74LVX244TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics
|
74LCX244M 74LCX244MTR 74LCX244TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74LCX24404 |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
74LCX540MTR 74LCX540TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
TC7MA2541FK07 TC7MA2541FK |
CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|