PART |
Description |
Maker |
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK2606 |
N CHANNEL MOS TYPE (DC-DC CONVERTER/ RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) DC .DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK1382 E001347 |
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING/ RELAY DRIVE/ MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS) N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS) HIGH SPEED SWITCHING APPLICATIONS RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
RIF-3-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
|
PHOENIX CONTACT
|
HI3026 HI3026EVAL HI3026JCQ |
RELAY OPTOMOS SP-NO 150MA 4-SOP 8-Bit 120 MSPS Flash A/D Converter 8-BIT, 120 MSPS, FLASH A/D CONVERTER A/D Converter, 8-Bit, 120MSPS, Input Bandwidth 150MHz, Flash
|
INTERSIL[Intersil Corporation]
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
RIF-2-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-1-RSC-LV-230AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
2SK4014 |
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK3438 |
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|