PART |
Description |
Maker |
240NQ045PBF |
Schottky Rectifier, 240 A
|
Vishay Siliconix
|
MBR24045 MBR24040 MBR24035 |
240 Amp Schottky Rectifier
|
Microsemi Corporation
|
243NQ100 MBR24080 243NQ080 HS243100 HS24380 HS2439 |
240 AMP SCHOTTKY RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
1N3161 1N3161R 1N3162 1N3162R 1N3163 1N3163R 1N316 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 240 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 300 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
MX29LV800BXBI-70 MX29LV800TXBI-70 MX29LV800BTI-90 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 240 x 320 pixel format (portrait mode), Compact LCD size 25 A 35V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 25 A 35V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Macronix International Co., Ltd.
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
MBR120VLSFT1 MBR120VLSFT3 |
1A 20V Schottky Rectifier Surface Mount Schottky Power Rectifier From old datasheet system
|
ON Semiconductor
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
CRSH1 CRSH1-10 CRSH1-2 CRSH1-3 CRSH1-4 CRSH1-5 CRS |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS Leaded Rectifier Schottky
|
Central Semiconductor C... Central Semiconductor Corp
|