PART |
Description |
Maker |
TVSS-5 SS-5-1A-AP1 SS-5-2.5A-BK1 SS-5-2.5A-AP SS-5 |
TIME DELAY BLOW ELECTRIC FUSE, 1A, 250VAC, 35A (IR), THROUGH HOLE ROHS COMPLIANT TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 250VAC, 35A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-6.3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes Subminiature Fuses Subminiature Fuses SS-5 Series, Time-Delay
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
0272.002V |
Fuse 0.2A 125V SUBMINIATURE
|
Littelfuse, Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
0034.7303 0034.7304 0034.7305 0034.7306 0034.7307 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
|
Schurter Inc.
|
00346914 0034.6917 0034.6918 0034.6944 0034.6945 0 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
|
Schurter Inc.
|
172322-18 |
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
|
Schurter Inc.
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
7100.0200.XX 7100.0160.XX 7100.0170.XX 7100.0180.X |
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
|
Schurter Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
MSF250-18 |
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
|
Schurter Inc.
|
8020.0507.PT 8020.0517.PT 8020.0515.PT |
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
|
Schurter Inc.
|
|