PART |
Description |
Maker |
36509-0038 MM-B2500-R963 0365090038 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0850520830 85052-0830 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
0850090103 85009-0103 |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0365010121 MM-B2402-C483 36501-0121 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10μm (43μ) Selective Gold (Au) Plating, 32 Circuits 2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10渭m (43渭") Selective Gold (Au) Plating, 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850429025 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-1330 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-0177 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850420282 85042-0282 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-0294 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850030165 85003-0165 |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6渭m (24渭")Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6μm (24μ)Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
|