PART |
Description |
Maker |
X28HC64TMB-90 X28HC64 X28HC64DI-12 X28HC64DI-70 X2 |
5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 120 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CQCC32 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CPGA28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, PDIP28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X28C513JI-12T2C7345 X28C513EM-12C7309 X28C512J-15T |
5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -55°C to 125°C; Package: 32-CLCC 64K X 8 EEPROM 5V, 120 ns, CQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 150 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 150 ns, PQCC32
|
Intersil, Corp.
|
X28C513JZ-12 X28C513JZ-15 X28C513EMB-12 X28C513EMB |
5V, Byte Alterable EEPROM
|
Renesas Electronics Corporation
|
X28HC25607 X28HC256DM-12 X28HC256KM-90 X28HC256JIZ |
5V, Byte Alterable EEPROM
|
Intersil Corporation http://
|
X28HC256PI X28HC256DI-15C7871 |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-CerDIP 32K X 8 EEPROM 5V, 150 ns, PDSO28
|
Intersil, Corp.
|
X28HC256EI-70 X28HC256EM-15 X28HC256TM-15 X28HC256 |
5 Volt/ Byte Alterable E2PROM 5 Volt, Byte Alterable E2PROM
|
http:// Xicor Inc.
|
XM28C040 XM28C040-20 XM28C040-25 XM28C040I XM28C04 |
5 Volt/ Byte Alterable E2PROM 5 Volt, Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
SLE4442M2.2 SLE4442C SLE4442 SLE4432 SLE4432M2.2 S |
ICS FOR CHIP CARDS INTELLIGENT 256-BYTE EEPROM From old datasheet system (SLE4432 / SLE4442) 256 Byte EEPROM Intelligent 256Bit EEPROM SERIAL EEPROM,256X8,MOS,WAFER,PLASTIC SERIAL EEPROM,256X8,MOS,MODULE,8PIN,PLASTIC
|
SIEMENS[Siemens Semiconductor Group] Infineon Technologies AG
|
X28VC256S-45 X28VC256S-90 X28VC256PI-45 X28VC256E- |
5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字
|
Electronics Industry Public Company Limited BRILLIANCE SEMICONDUCTOR, Inc. Intersil, Corp. STMicroelectronics N.V. http:// Xicor Inc.
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
AT90S1200 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, Up to 12 MIPS throughput at 12 MHz.
|
Atmel
|
P89LPC932A1FDH P89LPC932A1FHN P89LPC932 P89LPC932A |
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
|