PART |
Description |
Maker |
SKD83 SKD83_04 SKD83_08 SKD83_12 SKD83_14 SKD83_16 |
Power Bridge Rectifiers 3 PHASE, 83 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
ABS05-G ABS8-G ABS1-G ABS10-G ABS2-G ABS4-G ABS6-G |
Bridge Rectifiers, V<sub>RRM</sub>=800V, V<sub>DC</sub>=800V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=600V, V<sub>DC</sub>=600V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=400V, V<sub>DC</sub>=400V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=200V, V<sub>DC</sub>=200V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=1000V, V<sub>DC</sub>=1000V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=100V, V<sub>DC</sub>=100V, I<sub>(AV)</sub>=0.8A Bridge Rectifiers, V<sub>RRM</sub>=50V, V<sub>DC</sub>=50V, I<sub>(AV)</sub>=0.8A SMD Glass Passivated Bridge Rectifiers
|
Comchip Technology
|
BR2502 BR2502W BR2508W BR2501W BR2506W |
(BR25005 - BR2510) SILICON BRIDGE RECTIFIERS (BR25005W - BR2510W) SILICON BRIDGE RECTIFIERS
|
Galaxy Semi-Conductor
|
KBU10005-KBU1010 KBU1006 |
SILICON BRIDGE RECTIFIERS Kbx Package Silicon Passivated Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
KBU8005-KBU810 KBU8005 |
SILICON BRIDGE RECTIFIERS Kbx Package Silicon Passivated Bridge Rectifiers
|
http:// HY
|
KBU4005-KBU410 KBU408 |
SILICON BRIDGE RECTIFIERS Kbx Package Silicon Passivated Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
ABS1-HF ABS2-HF ABS05-HF ABS8-HF ABS10-HF ABS6-HF |
Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=800V, V<sub>DC</sub>=800V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=600V, V<sub>DC</sub>=600V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=400V, V<sub>DC</sub>=400V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=200V, V<sub>DC</sub>=200V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=1000V, V<sub>DC</sub>=1000V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=100V, V<sub>DC</sub>=100V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=50V, V<sub>DC</sub>=50V, I<sub>AV</sub>=0.8A SMD Glass Passivated Bridge Rectifiers
|
Comchip Technology
|
B40C7000-4000 B125C7000-4000 B80C7000-4000 B250C70 |
Silicon-Bridge Rectifiers 4.8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 4.8 A, 250 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 4.8 A, 80 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
FB1510 FB1510L FB1500 FB1500L FB1501 FB1501L FB150 |
15 Amp. Glass Passivated Bridge Rectifier Bridge Rectifiers (Power) 桥式整流器(电力
|
List of Unclassifed Man... List of Unclassifed Manufacturers Fagor ETC[ETC] Electronic Theatre Controls, Inc.
|
KBPC606 KBPC610 KBPC600 KBPC601 KBPC602 KBPC604 KB |
100V Bridge in a D-72 package SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
|
International Rectifier JGD[Jinan Gude Electronic Device]
|
GBU805 GBU801 GBU804 GBU806 GBU807 GBU803 GBU802 |
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers Bridge: Standard
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
CS50S CS10S CS20S CS30S CS40S |
Surface Mount Schottky-Bridge Rectifiers 1 A, 80 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
|