PART |
Description |
Maker |
TRSL-8380G |
3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
TRSL-8340G |
3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc.
|
TRSL-7380CG TRSL-7380ACG |
3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
TRSL-9340G |
3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
TRSL-9380FW |
3.3V / 1550 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1550海里/ 2.125 Gbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
LT-74H73H-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
|
Optoway Technology Inc
|
LT-74D73D-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
|
Optoway Technology Inc.
|
DTR-1250-SM2-LS-H3-M DTR-1250-SM2-LS-H7-M DTR-1250 |
3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers
|
OPLINK Communications Inc.
|
TRSL-33100G |
3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
BTRS-3880A-SPG BTRS-3880-SPG BTRS-3680AG BTRS-3680 |
1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
|
Optoway Technology Inc.
|