PART |
Description |
Maker |
HN7G01FU |
Multi Chip Discrete Device Power Management Switch Application Driver Circuit Application Interface Circuit Application TOSHIBA Multi Chip Discrete Device
|
TOSHIBA[Toshiba Semiconductor]
|
TPCP8F01 |
TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
AK49064SP-10 AK44064SP-10 AK44256SN-12 AK411024SRM |
64K X 9 MULTI DEVICE DRAM MODULE, 100 ns, SMA30 64K X 4 MULTI DEVICE DRAM MODULE, 100 ns, SMA22 256K X 4 MULTI DEVICE DRAM MODULE, 120 ns, SMA22 1M X 1 MULTI DEVICE DRAM MODULE, 150 ns, SMA22 128K X 1 MULTI DEVICE DRAM MODULE, 150 ns, CDIP18 64K X 2 MULTI DEVICE DRAM MODULE, 150 ns, CDIP18
|
|
TH50VSF3582AASB |
TOSHIBA MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS
|
Toshiba Semiconductor
|
HN2E01F07 HN2E01F |
MULTI CHIP DISCRETE DEVICE Super High Speed Switching Application
|
Toshiba Corporation Toshiba Semiconductor
|
585-3211 585-3213 585-3215 585-3221 585-3225 585-3 |
Multi-Chip BASED LED T1 3/4 Bi-Pin 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
TPC6D03 |
Multi-Chip Device Silicon PNP Epitaxial Type, Schottky Barrier Diode High-Speed Switching Applications DC-DC Converter Applications
|
TOSHIBA
|
OP999 |
PIN Sili con Photodiode
|
OPTEK[OPTEK Technologies] ETC
|
PUMA68SV32000BM-020 PUMA68SV32000BI-015 |
1M X 32 MULTI DEVICE SRAM MODULE, 20 ns, PQCC68 25.27 X 25.27 MM, 5.08 MM HEIGHT, PLASTIC, LCC-68 1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PQCC68
|
ST Microelectronics
|
DPS96122-100I DPS96122-85I DPS96122-150I |
256K X 16 MULTI DEVICE SRAM MODULE, 100 ns, DMA68 256K X 16 MULTI DEVICE SRAM MODULE, 85 ns, DMA68 256K X 16 MULTI DEVICE SRAM MODULE, 150 ns, DMA68
|
|
SYS32512ZK-010 SYS32512ZK-012 SYS32512ZK-015 SYS32 |
512 K x 32 Static RAM 512K X 32 MULTI DEVICE SRAM MODULE, 12 ns, PZMA72 PLASTIC, ZIP-72 512K X 32 MULTI DEVICE SRAM MODULE, 10 ns, PZMA72 PLASTIC, ZIP-72 512K X 32 MULTI DEVICE SRAM MODULE, 12 ns, PSMA72 PLASTIC, SIMM-72 512K X 32 MULTI DEVICE SRAM MODULE, 10 ns, PSMA72 PLASTIC, SIMM-72 512 K x 32 Static RAM 512亩32静态RAM
|
Amphenol, Corp. MOSAIC http:// Fujitsu, Ltd. NXP Semiconductors N.V.
|