PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
MCP1726T-3302E/MF MCP1726T-3302E/SN MCP1726T-1202E |
1A, Low Voltage, Low Quiescent Current LDO Regulator Dual Pole Normally Closed: 2-Form-B AC Solid State Power Switch AC Solid State Switch using optical coupling with dual power SCR outputs Dual Power AC Switch Dual Pole Combination: Form-A & B RELAY OPTOMOS 250MA DPDT 8-SMD 1A中,低电压,低静态电流LDO稳压
|
Microchip Technology Inc. http:// Microchip Technology, Inc.
|
LCR2400 |
2400W 120V 3U Rack-Mount Power Conditioner
|
Tripp Lite. All Rights ...
|
L7104EC L7104ED L7104GC L7104GD L7104GT L7104ID L7 |
T-1 (3 mm) solid state lamp. High efficiency red. Lens type red transparent. T-1 (3mm)SOLID STATE LAMPS T-1 (3 mm) solid state lamp. Yellow. Lens type yellow diffused.
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
MV942-9 MV942 MV942-3 MV942-4 MV942-8 MV9424 |
SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR Green Clear T-100 (3mm) Solid State Indicator Lamps
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
VND10BSP VND10 VND10BSP13TR |
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY ISO HIGH SIDE SMART POWER SOLID STATE RELAY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MP240D4 MP240D3 |
(MP240D3 / MP240D4) NORMALLY-OPEN PC-MOUNT SOLID-STATE RELAY
|
Crydom
|
SKA10XXX SKA11XXX |
(SKA10xxx - SKA21xxx) NORMALLY-OPEN PC-MOUNT SOLID-STATE RELAY
|
Celduc
|