PART |
Description |
Maker |
SD-200 SD-200B SD-200D SD-200C |
200W Single Output DC-DC Converter
|
Astrodyne Corporation
|
SD-200-1109 |
200W Single Output DC-DC Converter
|
Mean Well Enterprises C...
|
SP-200-13.5 SP-200-3.3 SP-200-27 SP-200-7.5 SP-200 |
200W Single Output with PFC Function
|
RSG Electronic Components GmbH
|
CLP0212 CLP0212FPXX5Z01A CLP0212FPXX5Z03A CLP0212F |
90 - 264Vac input; 12Vdc output; 200W Output Power
|
Lineage Power Corporation
|
MPT-200A MPT-200B MPT-200C MPQ-200B MPQ-200C MPQ-2 |
200W 1~4 Output for Medical Type
|
Astrodyne Corporation
|
MPS-200-12 MPS-200-15 MPS-200-24 MPS-200-3.3 MPS-2 |
200W 1~4 Output for Medical Type
|
Astrodyne Corporation
|
MPS-200 MPS-200-24 MPS-200-15 MPS-200-12 MPS-200-4 |
200W 1~4 Output for Medical Type 功率200W 14输出医疗
|
Astrodyne, Inc.
|
PJSLC05C-02 |
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
|
Pan Jit International Inc.
|
NJW21193G NJW21194G NJW21193 |
200W Medium Frequency Audio Output Transistors Silicon Power Transistors
|
ON Semiconductor
|
ZL2101ALAF ZL2101ALAFT ZL2101EVAL1Z |
Integrated MOSFET Switches 6A Digital Synchronous Step-Down DC/DC Conve with Auto Compensation
|
Intersil Corporation
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
JPW200S52R51-BH JPW200S52R51-BHZ |
38 Vdc - 75 Vdc Input, 52.5 Vdc Output; 200W
|
Lineage Power Corporation
|