PART |
Description |
Maker |
RH1498M |
10MHz, 6V/楼矛s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp 10MHz, 6V/μs, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
|
Linear Technology
|
RH1499M RH1499M-15 |
10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
|
Linear Technology
|
AS1710 AS1712 |
High-Output-Drive 10MHz 10V/us Rail-to-Rail I/O Op Amps
|
austriamicrosystems AG
|
MAX42301110 |
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
Maxim Integrated Products Maxim Integrated Produc...
|
5962-9324701MXX 5962-9324702MYX |
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 电可擦除复杂可编程逻辑器件
|
Omron Electronics LLC Industrial Automation
|
MAX423008 MAX4231AUTT MAX4233AUBT MAX4231AXTT MAX4 |
High-Output-Drive, 10MHz, 10V/楼矛s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX4232 MAX4230AXK-T MAX4230AUK-T MAX4233 MAX4234 |
High-Output-Drive 10MHz 10V/Us Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive / 10MHz / 10V/Us / Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AM27C010-150PI AM27C010-255PI AM27C010-255DCB AM27 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Bourns, Inc. Advanced Micro Devices, Inc.
|
AD823AR AD823AR-REEL |
Dual/ 16 MHz/ Rail-to-Rail FET Input Amplifier Dual, 16 MHz, Rail-to-Rail FET Input Amplifier RECTIFIER SCHOTTKY SINGLE 8A 30V 200A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE
|
Analog Devices, Inc.
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT1884 LT1884ACN8 LT1884ACS8 LT1884AIN8 LT1884AIS8 |
Dual/Quad Rail-to-Rail Output/ Picoamp Input Precision Op Amps From old datasheet system Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 125 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDIP8
|
LINER[Linear Technology] Linear Technology, Corp.
|