PART |
Description |
Maker |
ATMEGA8 ATMEGA8L |
8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 MIPS throughput at 16 Mhz. 8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
ATMEGA64 ATMEGA64L |
64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
ATMEGA1280 ATMEGA640 |
128-Kbyte self-programming Flash Program Memory, 8-Kbyte SRAM, 4-KByte EEPROM, 16 Channel 10-bit A/D ATmega640/1280/1281/2560/2561 Advance Information Summary
|
ATMEL
|
M68HC711CFD M68HC711CFG M68HC711CFG_D M68HC711CFG/ |
CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers CONFIG REGISTER PROGRAMMING FOR EEPROM-BASED MHC MICROCONTROLLERS
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc. Freescale (Motorola)
|
ATMEGA3290P ATMEGA329PV-20MU ATMEGA3290PV ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
PIC18F25K20 PIC18F45K20 PIC18F24K20 PIC18F46K20 PI |
Flash Memory Programming Specification
|
Microchip Technology
|
PIC16F1455 PIC16F1459 PIC16F1454 PIC16LF1454 |
PIC16(L)F145X Memory Programming Specification
|
Microchip Technology
|
PIC16C66X 30457A |
EPROM Memory Programming Specification From old datasheet system
|
Microchip
|
ST662AC10 ST662AB |
DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
|
STMicroelectronics
|
HN58V66AI HN58V65API-10 HN58V65API-10E HN58V65AT-1 |
Memory>EEPROM>Parallel EEPROM 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
|
RENESAS[Renesas Electronics Corporation]
|