PART |
Description |
Maker |
BL8581A |
PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
|
SHANGHAI BELLING CO., LTD.
|
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRF1404SPBF IRF1404LPBF IRF1404STRLPBF IRF1404SPBF |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Advanced Process Technology
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AUIRF3710ZSTRL AUIRF3710ZSTRR AUIRF3710Z AUIRF3710 |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 59 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
International Rectifier
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|