PART |
Description |
Maker |
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
ISL6172 |
Dual Low Voltage Hot Swap Controller
|
Intersil
|
LTC4222 |
Dual Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
SMH4814NCR00 SMH4814SCR01 |
Dual Feed Active-ORing Programmable Hot Swap Controller 双饲料有ORing提供可编程热插拔控制
|
Summit Microelectronics, Inc.
|
LTC4240CGN LTC4240 LTC4240IGN 4240F |
CompactPCI Hot Swap Controller with IC Compatible Interface CompactPCI Hot Swap Controller with I2C Compatible Interface From old datasheet system
|
LINER[Linear Technology]
|
ISL16AHPEVAL1 ISL6118HIB-T ISL6118HIBZA-T ISL6118H |
Dual Power Supply Controller Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 JT 100C 100#22M SKT RECP Dual Power Supply Controller 双电源控制器 Controller, Hot Swap, Dual Slot, 600mA Overcurrent (OC) Fault Protection IC, 2.5V to 5.5V Operating Range
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LTC4215CUFD-1TR LTC4215CUFD-1PBF LTC4215IUFD-1TR L |
Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24 Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC4224IMS-1-PBF LTC4224IMS-1-TRPBF LTC4224IMS-2-P |
2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Compact Dual Low Voltage Hot Swap Controller
|
LINEAR TECHNOLOGY CORP http://
|
ADC-00304-302 ADC-00304-102 ADC-00306-112 ADC-0030 |
Ultralow Voltage Hot Swap Controller; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C Analog-to-Digital Converter12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Analog-to-Digital Converter??? 12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C
|
热切电源分布
|
LTC1421CG LTC1421CSW LTC1421 |
Hot Swap Controller
|
Linear Technology
|