PART |
Description |
Maker |
MIC2230-GFHYML MIC2230-GSYML MIC2230-SSYML MIC2230 |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A SWITCHING REGULATOR, 2875 kHz SWITCHING FREQ-MAX, PDSO12 Dual Synchronous DC/DC Regulator
|
Micrel Semiconductor MICREL INC
|
LTC3606B |
800mA Synchronous Step-Down DC/DC
|
Linear Technology Corporation
|
LTC3407-4 LTC3407EDD-4 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
1002AS MP2109DQ CDRH3D16 CR32-100 CR54-100 DO1605T |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
LR8503 |
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
|
Leshan Radio Company
|
LTC3560 LTC3560E LTC3560ES6 LTC3560ES6LTCFY LTC356 |
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
|
Linear Technology
|
JMK107BJ475RA JMK107BJ106MA GRM219R60J106KE19 GRM2 |
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
EV2101DQ-00A |
1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO .6MHz00mA的同步降压型转换器和200mA的LDO稳压
|
Monolithic Power Systems, Inc.
|
LTC3619BEDD-PBF LTC3619BIDD-PBF LTC3619BIDD-TRPBF |
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
|
Linear Technology
|
ISL9440BEVAL1Z |
Triple PWM Step-Down Synchronous Buck Controller and One LDO
|
Intersil Corporation
|