PART |
Description |
Maker |
LRI6408 LRI64-A6S2U LRI64-MBTG LRI64-A7T LRI64-SBN |
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
LRI64-W4_XXX LRI64 LRI64-A1S LRI64-A1S_XXX LRI64-A |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
|
STMICROELECTRONICS[STMicroelectronics]
|
M24SR02-YMC6T/2 |
2-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
AT88SC6416CRF09 AT88SC6416CRF-MR1 AT88SC6416CRF-WA |
13.56 MHz CryptoRF? EEPROM Memory 64 Kbits 13.56 MHz CryptoRF庐 EEPROM Memory 64 Kbits 13.56 MHz CryptoRF垄莽 EEPROM Memory 64 Kbits
|
ATMEL Corporation
|
MK48S80X20/20 MK48S80X25/20 |
8K X 8 CACHE TAG SRAM, 20 ns, PDSO28 0.300 INCH, PLASTIC, SOJ-28 8K X 8 CACHE TAG SRAM, 25 ns, PDSO28
|
ST Microelectronics STMICROELECTRONICS
|
MC33154 MC33154D MC33154P |
Tag-it(TM) HF-I Standard Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Square 0-RFIDN -25 to 70 4 A BUF OR INV BASED PRPHL DRVR, PDIP8 Tag-it(TM) HF-I Pro Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 4 A BUF OR INV BASED PRPHL DRVR, PDSO8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LRIS64K |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
|
STMicroelectronics
|
GS84118AGT-150 GS84118AT-100I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 10 ns, PQFP100 256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 12 ns, PQFP100
|
GSI Technology, Inc.
|
ATAM862-TNSJ8 ATAM862-TNQJ8 |
Microcontroller with UHF ASK/FSK trancmitter. Program memory 4 kB flash. Data-EEPROM 2 x 512 bit. RF frequency range 868 MHz/915 MHz.
|
Atmel
|
M25P10-AVMN6T M25P10-AVMP6T M25P20VMN6T M25P20VMP6 |
512 Kbit/ Low Voltage/ Serial Flash Memory With 25 MHz SPI Bus Interface 1 Mbit/ Low Voltage/ Serial Flash Memory With 25 MHz SPI Bus Interface 4 Mbit Uniform Sector, Serial Flash Memory
|
STMicroelectronics 意法半导
|
SRI2K SRI2K-SBN18/1GE |
2048-bit ISO14443-B contactless memory with 2 binary counters and anti-collision 13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|