PART |
Description |
Maker |
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
LANC4815DW12 LANC4815DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮15 VDC Output at 隆戮0.4A DC/DC Converter 36-75 VDC Input ±15 VDC Output at ±0.4A
|
Wall Industries,Inc.
|
ATF-38143- ATF38143 ATF-38143-BLK ATF-38143-TR1 AT |
DC-DC Converter, 15Watt, Input VDC: 18~75, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SS25-B-A-A SS25-B-B-A SS25-A-A-A SS25-A-B-A |
DC-DC REG PWR SUPPLY MODULE 5 Vdc Input, 3.3 Vdc Output DC/DC Converter
|
Murata Power Solutions Inc.
|
LANC242.5W12-S LANC242.5W12 |
DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC2415W12-S |
DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC2415UW12 |
DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC122.5W12 LANC122.5W12-S LANC1225W12 LANC1225W1 |
DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
|
List of Unclassifed Manufacturers ETC Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
SLIN-20E1AL SLIN-20E1AX SLIN-20E1A0 |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
|
Bel Fuse Inc.
|