PART |
Description |
Maker |
ISL78228ARZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
ISL808810 |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|
ST2L05-3333 ST2L05-3330 ST2L05-3328 ST2L05-3325 ST |
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
|
STMicroelectronics
|
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL8022 |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil
|
TC1305 TC1305R-DVUN |
The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curre Dual 150mA CMOS LDO With Select Mode⑩ Operation, Shutdown and Independent RESET Output Dual 150mA CMOS LDO With Select Mode Operation, Shutdown and Independent RESET Output The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed ...
|
MICROCHIP[Microchip Technology]
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
|