PART |
Description |
Maker |
ISL28197FHZ-T7 ISL28196FHZ-T7 |
Ultra-Small, 800nA and 2.5μA Single Supply, Rail-to-Rail Input/Output RRIO Comparators
|
Intersil Corporation
|
B0110A7575P00 B0810A7575P00 B0922A7575P00 B0826A75 |
Ultra Small Low Profile 0603 Balun 50ヘ to 200ヘ Balanced Ultra Small Low Profile 0603 Balun 50楼? to 200楼? Balanced Ultra Small Low Profile 0603 Balun 50惟 to 200惟 Balanced Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced
|
Anaren Microwave http://
|
MAX4291 MAX4291EUK-T MAX4291EXK-T MAX4292 MAX4294 |
Ultra-Small / !.8V / Power / Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, レPower, Rail-to-Rail I/O Op Amps ULTRA-SMALL, !.8V, ヌPOWER, RAIL-TO-RAIL I/O OP AMPS Ultra-Small, !.8V, Power, Rail-to-Rail I/O Op Amps Ultra-Small, !.8V, レPower, Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MMST4124-7 |
200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR ULTRA SMALL, PLASTIC PACKAGE-3
|
Diodes, Inc.
|
SIT1534 |
Ultra-Small, Ultra-Low Power 1 Hz ?32.768 kHz Programmable Oscillator
|
SiTime Corp.
|
MAX44281OANST MAX44281VANST MAX44281UANST |
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
|
Maxim Integrated Products
|
MAX4036 MAX4036EXK-T MAX4037 MAX4037EUT-T MAX4038 |
Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
|
MAXIM[Maxim Integrated Products]
|
PMEG2005AEL PMEG2005AEL-1 PMEG2005AEL-2 |
0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package 无铅超小型SOD882封装.5安超低正向压降MEGA肖特基势垒整流器 RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BD3150L50100A00 |
Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced Ultra Small Low Profile 0603 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
CL-170HR CL-170R CL-170 CL-170YG-XD CL-170YG-XD-T |
Mono-Color Upward-Lighting Type SINGLE COLOR LED, YELLOW GREEN, 1.4 mm 2 X 1.25 MM, 1.10 MM HEIGHT, MINIATURE, ULTRA SMALL PACKAGE-2 SINGLE COLOR LED, PURE GREEN, 1.4 mm 2 X 1.25 MM, 1.10 MM HEIGHT, MINIATURE, ULTRA SMALL PACKAGE-2 SINGLE COLOR LED, ORANGE, 1.4 mm
|
CITIZEN ELECTRONICS CO., LTD. LEDtronics, Inc. DB Lectro, Inc.
|