PART |
Description |
Maker |
CS98100 |
DVD-Video Processor with Progressive Scan
|
Cirrus Logic
|
VPC3201C |
Video processor (50Hz/single scan)
|
Micronas
|
TA1360AFG |
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
|
http://
|
TA1360AFG05 |
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
|
Toshiba Semiconductor
|
TA1360ANG TA1360ANG05 |
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
|
Toshiba Semiconductor http://
|
AH8308E |
8-Bit Composite Video D/A Converters
|
Analogic
|
AH8308EC |
8-Bit Composite Video D/A Converters
|
Analogic
|
AH8304TC |
RGB 4-Bit Composite Video D/A Converters
|
Analogic
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
LA71730EM |
TV, VCR, and Video Camera Applications: VHD video Y/C/A in a single chip VIDEO AND AUDIO SIGNAL-PROCESSING IC
|
SANYO[Sanyo Semicon Device]
|
LA71750EM |
TV, VCR, and Video Camera Applications: VHD video Y/C/A in a single chip Video and Audio Signal-Processing IC From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
ICX098BQ |
Diagonal 4.5mm(Type 1/4) Progressive Scan CCD Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
|
SONY[Sony Corporation]
|