PART |
Description |
Maker |
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ES11MH227S2 |
Metal Shaft Encoder 11mm Size Type
|
HOKURIKU ELECTRIC INDUSTRY CO.,LTD
|
0190700154 C-240-38XT |
InsulKrimp Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 3/8, Length34.21mm (1.347), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
MV1471_CG_DPAS MV1471 MV1471_CG_DGAS MV1471/CG/DPA |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes HDB3/AMI ENCODER/DECODER
|
Zarlink Semiconductor Inc.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
TM162Y |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 66.0x37.0x11.3; viewing size: 50.0x12.0; character size: 4.0x2.54; dot size: 0.46x0.43; controller: ;
|
TIANMA Microelectronics
|
TM204I |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 20x4; module size: 98.0x53.34x11.0; viewing size: 74.0x27.7; character size: 4.75x2.95; dot size: 0.55x0.55; controller: KS0066U or equivalet;
|
TIANMA Microelectronics
|
TM162G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 122.0x44.0x11.0; viewing size: 99.0x24.0; character size: 4.84x9.66; dot size: 0.92x1.10; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
TM402A |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 40x2; module size: 186.2x34.5x11.0; viewing size: 153.5x16.5; character size: 3.28x5.69; dot size: 0.60x0.65; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
TM12864G |
GRAPHIC TYPE MONOCHROME LCD MODULE resolution: 128x64; module size: 77.8x69.8x9.5; viewing size: 70.7x38.8; dot pitch: 0.51x0.51; dot size: 0.48x0.48; controller: HD61202;
|
TIANMA Microelectronics
|