PART |
Description |
Maker |
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
CY7C1021CV26-15ZE |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CY7C1021B-15VXC CY7C1021B-15VXE CY7C1021B-15VXI CY |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
CY7C1021CV26 |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1021BL-15ZI CY7C1021BL-15ZXI CY7C1021B-15ZSXE |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
CY7C192-15VXC |
64K x 4 Static RAM with Separate IO; Density: 256 Kb; Organization: 64Kb x 4; Vcc (V): 4.5 to 5.5 V; 64K X 4 STANDARD SRAM, 15 ns, PDSO28 64 K × 4 Static RAM with Separate IO CMOS for optimum speed/power
|
Cypress Semiconductor, Corp.
|
CY7C1021CV33 CY7C1021CV33-10BAC CY7C1021CV33-10BAI |
64K x 16 Static RAM 64K X 16 STANDARD SRAM, 15 ns, PBGA48 64K x 16 Static RAM 64K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|