PART |
Description |
Maker |
C-2008611 2008611-1 2008611-2 |
PLUG KIT, UNSHIELDED, INDUSTRIAL CIRCULAR ETHERNET CONNECTOR
|
Tyco Electronics
|
BA-8D9UW |
Unshielded SMD Inductor Design Kit
|
Bright LED Electronics Corp.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
B561-8I-10 B221-8I-10 B331-8I-10 B101-8I-10 B151-8 |
UNSHIELDED, 0.4 uH - 0.56 uH, VARIABLE INDUCTOR UNSHIELDED, 0.16 uH - 0.22 uH, VARIABLE INDUCTOR UNSHIELDED, 0.24 uH - 0.33 uH, VARIABLE INDUCTOR UNSHIELDED, 0.07 uH - 0.1 uH, VARIABLE INDUCTOR UNSHIELDED, 0.11 uH - 0.15 uH, VARIABLE INDUCTOR UNSHIELDED, 0.054 uH - 0.076 uH, VARIABLE INDUCTOR UNSHIELDED, 0.02 uH - 0.025 uH, VARIABLE INDUCTOR
|
Data Device, Corp. ITT Interconnect Solutions
|
AM60037-6 AM60037-5 69011-0026 69011-2006 69011-10 |
90075 PHONE PLUG ARBOR PRESS PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
|
Molex Electronics Ltd.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
5-1479184-1 5-1479184-3 5-1479184-2 5-1479184-4 |
KIT, 8 POSITION, MODULAR PLUG, STRANDED WIRE, CATEGORY 6
|
Tyco Electronics
|
71425-3001 0714253001 |
0.80mm (.031) Pitch Ultra VHDCI Plug Kit, IDT
|
Molex Electronics Ltd.
|
W-HT-2023 11-03-0002 11-02-0001 W-HT-1921 03-06-61 |
.062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V .062 Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
|
MolexKits
|
CTGS32-100M CTGS32-101K CTGS32-102K CTGS32-120M CT |
Power Inductors - Unshielded 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductors - Unshielded
|
Central Technologies
|
|