PART |
Description |
Maker |
LTC2356-1209 LTC2356CMSE-12TRPBF LTC2356IMSE-12PBF |
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown Serial 12-Bit, 3.5Msps Sampling ADC with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO10
|
Linear Technology, Corp.
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC2321 |
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC2355-12 LTC2355CMSE-12 LTC2355CMSE-14 LTC2355IM |
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
|
LINER[Linear Technology]
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
CDB4385 CS438508 CS4385-DQZ CS4385-DQZR CS4385-CQZ |
114 dB, 192 kHz 8-Channel D/A Converter Converters - Digital to Analog (DAC) IC 24bit 8Chn DAC w/DSD Sup/Lw-Ltnc DF SERIAL INPUT LOADING, 24-BIT DAC, PQFP48
|
Cirrus Logic, Inc.
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
LTC2351IUH-12TRPBF LTC2351-12-15 |
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
|
LINEAR TECHNOLOGY CORP
|
MCP4921 MCP4921-EP MCP4921-ESL MCP4921-EMS MCP4921 |
The MCP492x series of DACs offers 12-bit resolution coupled with low power consumption and small packages. Communication with the ... 12-BIT DAC WITH SPI⒙ INTERFACE 12-Bit DAC with SPI⑩ Interface
|
Microchip Technology
|
MX7248J/D |
Complete, 12-Bit, Voltage-Output Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, UUC20
|
Maxim Integrated Products, Inc.
|
AK4382 AK4382VT |
112dB 192kHz 24-BIT SCH DAC DUAL, SERIAL INPUT LOADING, 24-BIT DAC, PDSO16
|
Asahi Kasei Microsystems Co.,Ltd
|
|