PART |
Description |
Maker |
DA314-68G DA422-09G DA316-09T DA624-09T DA628-09T |
14 POS MOLDED DIP ADAPTER DIP14, IC SOCKET 22 POS MOLDED DIP ADAPTER DIP22, IC SOCKET 16 POS MOLDED DIP ADAPTER DIP16, IC SOCKET 24 POS MOLDED DIP ADAPTER DIP24, IC SOCKET 28 POS MOLDED DIP ADAPTER DIP28, IC SOCKET 40 POS MOLDED DIP ADAPTER DIP40, IC SOCKET 18 POS MOLDED DIP ADAPTER DIP18, IC SOCKET 20 POS MOLDED DIP ADAPTER DIP20, IC SOCKET
|
Advanced Interconnections, Corp.
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
14-35W000-10 16-35W000-10 18-35W000-10 20-35W000-1 |
SOWIC-to-DIP Adapter - 14/28 Pins ADAPTER SOWIC TO DIP 24 POS SOWIC24-DIP24, IC SOCKET
|
Aries Electronics, Inc.
|
RDA314-68G DA308-08T DA308-09T DA308-68G DA308-08G |
14 POS MOLDED DIP ADAPTER DIP14, IC SOCKET 8 POS MOLDED DIP ADAPTER DIP8, IC SOCKET 40 POS MOLDED DIP ADAPTER DIP40, IC SOCKET DIP28, IC SOCKET DIP20, IC SOCKET DIP22, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
32-650000-11-RC 24-650000-11-RC 28-650000-11-RC 32 |
SOCKET ADAPTR SOJ/32PIN .600 DIP SOIC & SOJ-to-DIP Adapter RoHS/WEEE-Compliant
|
ARIES ELECTRONICS INC Aries Electronics, Inc.
|
SKKT19_12E SKKT19_14E SKKT19_16E SKKT19_06D SKKT19 |
THYRISTOR MODULES HDMI (M) TO DVI (F) 24 PIN SWIVEL ADAPTER DB9/RJ12 FEMALE MODULAR ADAPTE HDMI MALE- DVI FEMALE ADAPTER Inter Series Connector Adapter
|
SEMIKRON[Semikron International] ETC
|
EL3H7E EL3H7C EL3H7B EL3H7CEA-VG EL3H7D |
4 PIN ULTRA SMALL SSOP 4 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
|
Everlight Electronics Co., Ltd Everlight Electronics Co., ... Everlight Electronics C...
|
44-647-10 |
SOCKET UNIV SOIC TO DIP .600 Universal SOIC-to-DIP 0.600 [15.24] Adapter
|
ARIES ELECTRONICS INC Aries Electronics, Inc.
|
RDA308-71M |
8 POS MOLDED DIP ADAPTER DIP8, IC SOCKET
|
Advanced Interconnections, Corp.
|
28-653000-10 32-653000-10 44-653000-10 68-653000-1 |
PLCC28-DIP28, IC SOCKET PLCC-to-DIP Adapter
|
ARIES ELECTRONICS INC Aries Electronics, Inc.
|
PSCIA3CHP PSCIA1CHP PSCIA2CHP |
400V 2 Form A Photo Voltaic Relay in a 8-pin DIP Package; A PVT422 with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; Similar to PVT312L with lead free packaging. 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; Similar to PVA3324N with Lead Free Packaging 晶体管|场效应| P通道| 15mA的我(直)|芯片
|
Bourns, Inc.
|