PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
SR-5F-1A-AP SR-5F-3.15A-AP SR-5F-8A-AP SR-5F-6.3A- |
PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
0034.6723 0034.6722 0034.6721 0034.6720 0034.6719 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
|
Schurter Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
ATS-56005-C4-R012 |
maxiFLOW Heat Sink, NO TIM, BLACK-ANODIZED
|
Advanced Thermal Solutions, Inc.
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
172322-18 |
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
|
Schurter Inc.
|
20302.5 203 203.250 203.500 203.750 203001 203002 |
MB 39C 37#20 2#16 SKT RECP Surface Mount Fuses - Subminiature Surface Mount & Dip Types Surface Mount Fuse - Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
MSF250-18 |
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
|
Schurter Inc.
|