PART |
Description |
Maker |
0034.3102 0034.3104 0034.3120 0034.3129 0034.3128 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
|
Schurter Inc.
|
00343401 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
0.34.3405 0.34.3407 0.34.3409 0.34.3410 0.34.3411 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
0001.1004.PT 0001.1008.PT 0001.1006.TR 0001.1001.T |
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
|
Schurter Inc.
|
D8STTD |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, GAM T1, 1.25 A, 220 VAC, 125 VDC
|
Schurter Inc.
|
172582 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, GAM T1, 250 VAC, 125 VDC
|
Schurter Inc.
|
00012501 0001.2501 0001.2502 0001.2503 0001.2504 0 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
|
Schurter Inc.
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
0700030 |
One-pos., thermal miniature circuit-breaker for fuse holders in acc. with ISO 8820-3. - TCP 30/DC32V
|
Phoenix Contact
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|