PART |
Description |
Maker |
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
6.6URD30EF0250 6.6URD30EF0350 6.6URD33EF1000 AO65U |
VERY FAST BLOW ELECTRIC FUSE, 250A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1000A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1100A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
F0402E0R25FSTR F0603C1R25FWTR F0603C1R75FWTR F0603 |
Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.75A, 24VAC, 24VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.375A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 2.5A, 16VAC, 16VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.5A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1A, 63VAC, 63VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 63VAC, 63VDC, SURFACE MOUNT
|
AVX, Corp.
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
LPN-RK-100SP LPN-RK-110SP LPN-RK-125SP LPN-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 450A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 400A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 100A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 110A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
|
http:// Cooper Bussmann, Inc.
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
TR/3216FF1-R |
FUSE 1A 63V FAST SMD 1206 FAST BLOW ELECTRIC FUSE, 1A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
LA70QS10-14F06 LA70QS50-14F LA70QS50-22F LA70QS100 |
VERY FAST BLOW ELECTRIC FUSE, 40A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 25A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
225.125P 225.250P 225.100P 225.750P 225006P 225.50 |
225.100P FAST BLOW ELECTRIC FUSE, 6A, 125VAC, 500A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER 225.100P
|
Littelfuse
|
LA070URD30TTI0500 LA070URD30TTI0550 |
VERY FAST BLOW ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 550A, 700VAC, 200000A (IR), INLINE/HOLDER
|
|
|