PART |
Description |
Maker |
LT1576 |
1.5A, 200kHz Step-Down Switching Regulator(可调输出.5A, 200kHz,步降开关稳压器)
|
Linear Technology Corporation
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
AP2006 AP2006SA AP2006N AP2006NA AP2006S |
200KHz, PWM Buck DC/DC & Linear Controller 200KHz, PWM Buck DC/DC & Linear Controller
|
ANACHIP[Anachip Corp]
|
LT3437 LT3437EFE LT3437IFE LT3437EDD LT3437IDD |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100?A Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
|
LINER[Linear Technology]
|
P1595L-AB5-R |
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
|
Unisonic Technologies
|
MIC4574 |
200kHz Simple 0.5A Buck Regulator
|
Micrel Semiconductor
|
HMC218BMS8GE |
Passive Double-Balanced Topology
|
Analog Devices
|
10-PY12NMA080SH-M427FY |
Mixed voltage NPC topology
|
Vincotech
|
AN2842 |
Paralleling of power MOSFETs in PFC topology
|
STMicroelectronics
|