PART |
Description |
Maker |
1N5395G |
1.5A GLASS PASSIV ATED RECTIFIER
|
Zibo Seno Electronic En...
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
OM6035NM OM6036NM OM6037NM OM6034NM |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
MAX4456EQHD MAX4663EAE MAX4663EAET MAX4520EUAT MAX |
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches 8-CHANNEL, CROSS POINT SWITCH, PQCC44 2.5 Ohm Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Rail-to-Rail, Fault-Protected, SPST Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Low-Voltage, Quad, SPST CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Audio/Video Switch for Dual SCART Connectors DUAL 7-CHANNEL, AUDIO/VIDEO SWITCH, QCC48 Precision, Low-Voltage, SPST CMOS Analog Switch DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Quad, Low-Voltage SPST Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Rail-to-Rail, Fault-Protected, SPST Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 Serially Controlled, Clickless Audio/Video Switches 11 1-CHANNEL, AUDIO/VIDEO SWITCH, PDSO28 Low-Voltage, Single 8 to 1 and Dual 4 to 1 Cal Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO20 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5 ±15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
TDF8599 TDF8599TD TDF8599TH |
I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
|
NXP Semiconductors
|
TDF8599TH |
I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
|
http://
|
2SK168 2SK168E 2SK168D 2SK168F |
Silicon N Channel MOS FET Silicon N-Channel Junction FET Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR|JFET|N-CHANNEL|8MA I(DSS)|TO-92 TRANSISTOR|JFET|N-CHANNEL|20MA I(DSS)|TO-92 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|场效应| N沟道| 12mA的我(直)|2
|
Hitachi Semiconductor Hitachi,Ltd.
|
MAX6759 MAX6761TARAD3 MAX6762TATWD3 MAX6761TATZD3 |
Low-Power. Single/Dual-Voltage Window Detectors Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:28-17 RoHS Compliant: No ER 7C 7#8 PIN PLUG 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power / Single/Dual-Voltage Window Detectors CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power, Single/Dual-Voltage Window Detectors 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
ISL5120CB ISL5120IHZ-T ISL5121 ISL5121CB ISL5121CB |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CAP .01UF 50V PPS FILM ECH-S DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT62051 LT6207CGN LT6207CGNPBF LT6207CGNTRPBF LT62 |
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Linear Technology, Corp.
|
|